Part Number Hot Search : 
SRS2030 1755606 PBA1500 TC74AC PH103 T3150 S2800 H7806AE
Product Description
Full Text Search
 

To Download 74F379A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74F379A Quad register
Product specification IC15 Data Handbook 1996 Mar 12
Philips Semiconductors
Philips Semiconductors
Product specification
Quad register
74F379A
FEATURES
* Edge-triggered D-type inputs * Buffered positive edge-triggered clock * Buffered common enable input * True and complementary outputs * Offers light loading PNP inputs (IIL = -20A)
TYPE 74F379A TYPICAL fmax 200MHz
DESCRIPTION
The 74F379A is a 4-bit register with buffered common enable (E). This device is similar to the 74F175A but features the common enable rather than common master reset.
TYPICAL SUPPLY CURRENT (TOTAL) 29mA
ORDERING INFORMATION
ORDER CODE DESCRIPTION 16-pin plastic DIP 16-pin plastic SO COMMERCIAL RANGE VCC = 5V 10%, Tamb = 0C to +70C N74F379AN N74F379AD PKG, DWG. # SOT38-4 SOT109-1
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
TYPE PINS D0 - D3 74F379A CP E Q0 - Q3 Data inputs Clock pulse input (active rising edge) Enable input (active low) True outputs DESCRIPTION 74F (U.L.) HIGH/ LOW 1.0/0.033 1.0/0.033 1.0/0.033 50/33 50/33 LOAD VALUE HIGH/LOW 20A/20A 20A/20A 20A/20A 1.0mA/20mA 15mA/20mA
Q0 - Q3 Complementary outputs Note to input and output loading and fan out table 1. One (1.0) FAST unit load is defined as: 20A in the high state and 0.6mA in the low state.
PIN CONFIGURATION
E Q0 Q0 D0 D1 Q1 Q1 GND 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VCC Q3 Q3 D3 D2 Q2 Q2 CP
LOGIC SYMBOL
4 5 12 13
D0 D1 D2 D3 9 1 CP E Q0 Q0 Q1 Q1 Q2 Q2 Q3 Q3
3 VCC = Pin 16 GND = Pin 8
2
6
7
11 10 14 15
SF00354
SF00355
1996 Mar 12
2
853-0027 16555
Philips Semiconductors
Product specification
Quad register
74F379A
IEC/IEEE SYMBOL
1 9 G1 1C2 2 4 2D 3 7 5 6 10 12 11 15 13 14
FUNCTION TABLE
INPUTS E H L CP Dn X h OUTPUTS Qn NC H OUTPUT Qn NC L H
SF00356
L l L Notes to function table H = High-voltage level h = High state must be present one setup time before the low-to-high clock transition L = Low-voltage level l = Low state must be present one setup time before the low-to-high clock transition NC= No change X = Don't care = Low-to-high clock transition
LOGIC DIAGRAM
D0 4 9 CP D CP E 1 E 3 VCC = Pin 16 GND = Pin 8 2 6 7 11 10 Q2 Q2 14 15 Q3 Q3 Q D CP E Q D CP E Q D Q D1 5 D2 12 D3 13
CP Q E
Q0 Q0
Q1 Q1
SF00357
1996 Mar 12
3
Philips Semiconductors
Product specification
Quad register
74F379A
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the operating free air temperature range.) SYMBOL VCC VIN IIN VOUT IOUT Tamb Tstg Supply voltage Input voltage Input current Voltage applied to output in high output state Current applied to output in low output state Operating free air temperature range Storage temperature range PARAMETER RATING -0.5 to +7.0 -0.5 to +7.0 -30 to +5 -0.5 to VCC 40 0 to +70 -65 to +150 UNIT V V mA V mA
C C
RECOMMENDED OPERATING CONDITIONS
SYMBOL PARAMETER MIN VCC VIH VIL IIk IOH IOL Tamb Supply voltage High-level input voltage Low-level input voltage Input clamp current High-level output current Low-level output current Operating free air temperature range 0 4.5 2.0 0.8 -18 -1 20 +70 LIMITS NOM 5.0 MAX 5.5 V V V mA mA mA UNIT
C
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.) SYMBOL PARAMETER TEST CONDITIONS1 VOH High-level output voltage VCC = MIN, VIL = MAX, VIH = MIN, IOH = MAX VOL VIK II IIH IIL IOS Low-level output voltage VCC = MIN, VIL = MAX, VIH = MIN, IOL = MAX Input clamp voltage Input current at maximum input voltage High-level input current Low-level input current Short-circuit output current3 VCC = MAX -60 VCC = MIN, II = IIK VCC = 0.0V, VI = 7.0V VCC = MAX, VI = 2.7V 10%VCC 5%VCC 10%VCC 5%VCC MIN 2.5 2.7 3.4 0.35 0.35 -0.73 0.50 0.50 -1.2 100 20 -20 -150 LIMITS TYP2 MAX V V V V V A A A mA UNIT
ICC Supply current (total) 29 42 mA Notes to DC electrical characteristics 1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type. 2. All typical values are at VCC = 5V, Tamb = 25C. 3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting of a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any sequence of parameter tests, IOS tests should be performed last.
1996 Mar 12
4
Philips Semiconductors
Product specification
Quad register
74F379A
AC ELECTRICAL CHARACTERISTICS
LIMITS Tamb = +25C SYMBOL PARAMETER TEST CONDITION Waveform 1 Waveform 1 VCC = +5.0V CL = 50pF, RL = 500 MIN fmax tPLH tPHL Maximum clock frequency Propagation delay CP to Qn or Qn 175 2.0 4.0 TYP 200 3.5 5.5 6.5 8.0 MAX VCC = +5.0V 10% CL = 50pF, RL = 500 MIN 155 2.0 3.5 7.0 8.5 MAX MHz ns Tamb = 0C to +70C UNIT
AC SETUP REQUIREMENTS
LIMITS Tamb = +25C SYMBOL PARAMETER TEST CONDITION VCC = +5.0V CL = 50pF, RL = 500 MIN tsu (H) tsu (L) th (H) th (L) tsu (H) tsu (L) th (H) th (L) tw (H) tw (L) Setup time, high or low level Dn to CP Hold time, high or low level Dn to CP Setup time, high or low level E to CP Hold time, high or low level E to CP CP Pulse width, high or low Waveform 2 Waveform 2 Waveform 2 Waveform 2 Waveform 1 3.0 3.0 0 0 4.0 3.5 0 0 3.5 4.5 TYP MAX VCC = +5.0V 10% CL= 50pF, RL = 500 MIN 3.5 3.5 0 0 4.5 4.0 0 0 3.5 4.5 MAX ns ns ns ns ns Tamb = 0C to +70C UNIT
AC WAVEFORMS
1/fmax CP VM tw(H) tPHL VM tw(L) tPLH CP Qn, Qn VM VM VM En, Dn VM tsu(H) VM th(H) VM tsu(L) VM th(L)
VM
VM
SF00358
SF00296
Waveform 1. Propagation delay for clock input to output, clock pulse widths, and maximum clock frequency Notes to AC waveforms 1. For all waveforms, VM = 1.5V. 2. The shaded areas indicate when the input is permitted to change for predictable output performance.
Waveform 2. Data and enable setup time and hold times
1996 Mar 12
5
Philips Semiconductors
Product specification
Quad register
74F379A
TEST CIRCUIT AND WAVEFORM
VCC NEGATIVE PULSE VIN PULSE GENERATOR RT D.U.T. VOUT 90% VM 10% tTHL (tf ) CL RL tw VM 10% tTLH (tr ) 0V 90% AMP (V)
tTLH (tr ) 90% POSITIVE PULSE VM 10% tw
tTHL (tf ) AMP (V) 90% VM 10% 0V
Test Circuit for Totem-Pole Outputs DEFINITIONS: RL = Load resistor; see AC ELECTRICAL CHARACTERISTICS for value. CL = Load capacitance includes jig and probe capacitance; see AC ELECTRICAL CHARACTERISTICS for value. RT = Termination resistance should be equal to ZOUT of pulse generators.
Input Pulse Definition INPUT PULSE REQUIREMENTS family amplitude VM 74F 3.0V 1.5V rep. rate 1MHz tw 500ns tTLH 2.5ns tTHL 2.5ns
SF00006
1996 Mar 12
6
Philips Semiconductors
Product specification
Quad register
74F379A
DIP16: plastic dual in-line package; 16 leads (300 mil)
SOT38-4
1996 Mar 12
7
Philips Semiconductors
Product specification
Quad register
74F379A
SO16: plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
1996 Mar 12
8
Philips Semiconductors
Product specification
Quad register
74F379A
NOTES
1996 Mar 12
9
Philips Semiconductors
Product specification
Quad register
74F379A
Data sheet status
Data sheet status Objective specification Preliminary specification Product specification Product status Development Qualification Definition [1] This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make chages at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
[1] Please consult the most recently issued datasheet before initiating or completing a design.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1998 All rights reserved. Printed in U.S.A. print code Document order number: Date of release: 10-98 9397-750-05123
Philips Semiconductors
yyyy mmm dd 10


▲Up To Search▲   

 
Price & Availability of 74F379A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X